Part Number Hot Search : 
TCD2905D CHEMA7PT BZX84A16 KA3843AM NJU7034 S649A N800206 50PCS
Product Description
Full Text Search
 

To Download KK74AC132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Quad 2-Input NAND Gate
with Schmitt-Trigger Inputs
High-Performance Silicon-Gate CMOS
The KK74AC132 is identical in pinout to the LS/ALS132, HC/HCT132. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs. The KK74AC132 can be used to enhance noise immunity or to square up slowly changing waveforms. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A; 0.1 A @ 25C * High Noise Immunity Characteristic of CMOS Devices * Outputs Source/Sink 24 mA
KK74AC132
ORDERING INFORMATION KK74AC132N Plastic KK74AC132D SOIC TA = -40 to 85 C for all packages
LOGIC DIAGRAM PIN ASSIGNMENT
FUNCTION TABLE
Inputs A L L H H PIN 14 =VCC PIN 7 = GND B L H L H Output Y H H H L
1
KK74AC132
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TJ TA IOH IOL tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Junction Temperature (PDIP) Operating Temperature, All Package Types Output Current - High Output Current - Low Input Rise and Fall Time (except Schmitt Inputs)
*
Min 2.0 0 -40
Max 6.0 VCC 140 +85 -24 24
Unit V V C C mA mA ns/V
VCC =3.0 V VCC =4.5 V VCC =5.5 V
0 0 0
150 40 25
*
VIN from 30% to 70% VCC
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74AC132
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VOH Parameter Minimum High-Level Output Voltage Test Conditions IOUT -50 A V 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 5.5 5.5 5.5 5.5 4.0 0.1 Guaranteed Limits 25 C 2.9 4.4 5.4 2.56 3.86 4.86 0.1 0.1 0.1 0.36 0.36 0.36 2.2 3.2 3.9 0.5 0.9 1.1 1.2 1.4 1.6 0.3 0.4 0.5 1.0 75 -75 40 -40C to 85C 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 V V Unit V
VIN VT - min or VT +max IOH=-12 mA IOH=-24 mA IOH=-24 mA
*
VOL
Maximum Low-Level Output Voltage
IOUT 50 A
VIN VT +max IOL=12 mA IOL=24 mA IOL=24 mA
*
VT +max
Maximum PositiveGoing Input Threshold Voltage Minimum NegativeGoing Input Threshold Voltage Maximum Hysteresis Voltage Minimum Hysteresis Voltage Maximum Input Leakage Current +Minimum Dynamic Output Current +Minimum Dynamic Output Current Maximum Quiescent Supply Current (per Package)
VOUT =0.1 V TA = Worst Case VOUT = VCC - 0.1 V TA = Worst Case VOUT =0.1 V or VCC - 0.1 V TA = Worst Case VOUT =0.1 V or VCC - 0.1 V TA = Worst Case VIN=VCC or GND VOLD=1.65 V Max VOHD=3.85 V Min VIN=VCC or GND
VT - min
V
VH max
V
VH min
V
IIN IOLD IOHD ICC
A mA mA A
*
All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time. Notes:1. IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC 2. VH=(VT+)-(VT-)
3
KK74AC132
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=3.0 ns)
VCC* Symbol Parameter V Guaranteed Limits 25 C Min tPLH tPHL CIN Propagation Delay, Input A or B to Output Y (Figure 1) Propagation Delay, Input A or B to Output Y (Figure 1) Maximum Input Capacitance 3.3 5.0 3.3 5.0 5.0 2.0 2.0 2.0 2.0 4.5 Max 13.0 9.0 13.5 9.0 -40C to 85C Min 1.5 1.5 1.5 1.5 4.5 Max 14.0 10.0 15.0 10.0 ns ns pF Unit
Typical @25C,VCC=5.0 V CPD
*
Power Dissipation Capacitance
30
pF
Voltage Range 3.3 V is 3.3 V 0.3 V Voltage Range 5.0 V is 5.0 V 0.5 V
Figure 1. Switching Waveforms
4
KK74AC132
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
5


▲Up To Search▲   

 
Price & Availability of KK74AC132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X